Part Number Hot Search : 
SY100 B2012 MBR8200D 107KP 1212D 0C155 30F2010 LM257
Product Description
Full Text Search
 

To Download MCR03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCR03
Resistors
Thick film rectangular resistors
MCR03 (1608 size)
!Features 1) Power rating of 1 / 10W 2) Highly reliable chip resistor Ruthenium oxide dielectric offers superior resistance to the elements. 3) Electrodes not corroded by soldering Thick film makes the electrodes very strong. 4) Resin protective coating for FX, D resistors Absorbs impact, facilitates mounting. 5) ROHM resistors have approved ISO-9001 certification. Design and specifications are subject to change without notice. Carefully check the specification sheet supplied with the product before using or ordering it.
!Ratings
Item Rated power Conditions Power must be derated according to the power derating curve in Figure 1 when ambient temperature exceeds 70C.
100 80
POWER LOAD (%)
Specifications 0.10W (1 / 10W) at 70C
60 40 20 0 -55
0
70
100
125
155
AMBIENT TEMPERATURE (C)
Fig.1 Rated voltage The voltage rating is calculated by the following equation. If the value obtained exceeds the limiting element voltage, the voltage rating is equal to the maximum operating voltage. E= Nominal resistance Operating temperature PxR E: Rated voltage (V) P: Rated power (W) R: Nominal resistance () Limiting element voltage 50V
See Table 1. -55C to +155C
1/5
MCR03
Resistors
Jumper type Resistance Rated current Max. 50m 1A
J (5%) Table 1 Resistance tolerance Resistance range () 1.0 R < 2.2 2.2 R < 10 (E24) (E24) Resistance temperature coefficient (ppm/C) 500350 500 200 100 100 50
Operating temperature -55C to +155C
10 R 10M (E24) FX (1%) (EZP type) D (0.5%) (EZP type) 10 R 2.2M (E24,96) 10 R < 100 100 R 1M (E24) (E24)
!Before using components in circuits where they will be exposed to transients such as pulse loads (short-duration, high- level loads), be certain to evaluate the component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with a steady state voltage that is greater than its rated voltage.
!Characteristics
Item Guaranteed value Resistor type Jumper type J : 5% FX : 1% D : 0.5% Max. 50m Test conditions (JIS C 5201-1) JIS C 5201-1 4.5
Resistance Variation of resistance with temperature Overload
See Table.1 (2.0%+0.1)
JIS C 5201-1 4.8 Measurement : -55 / +25 / +125C JIS C 5201-1 4.13 Rated voltage (current) x2.5, 2s. Limiting element voltage x2 : 100V JIS C 5201-1 4.17 Rosin*Ethanol (25%WT) Soldering condition : 2355C Duration of immersion : 2.00.5s. JIS C 5201-1 4.18 Soldering condition : 2605C Duration of immersion : 101s. JIS C 5201-1 4.19 Test temp. : -55C~+125C 5cyc JIS C 5201-1 4.24 40C, 93%RH Test time : 1,000h~1,048h JIS C 5201-1 4.25.1 Rated voltage (current), 70C 1.5h : ON - 0.5h : OFF Test time : 1,000h~1,048h JIS C 5201-1 4.25.3 155C Test time : 1,000h~1,048h JIS C 5201-1 4.29 235C, Immersion cleaning, 50.5min. Solvent : 2-propanol JIS C 5201-1 4.33
Max. 50m
Solderability
A new uniform coating of minimum of 95% of the surface being immersed and no soldering damage. (1.0%+0.05) Max. 50m No remarkable abnormality on the appearance. (1.0%+0.05) (3.0%+0.1) Max. 50m Max. 100m
Resistance to soldering heat Rapid change of temperature Damp heat, steady state
(3.0%+0.1) Endurance at 70C (3.0%+0.1) Endurance
Max. 100m
Max. 100m
(1.0%+0.05) Resistance to solvent
Max. 50m
Bend strength of the end face plating
(1.0%+0.05) Max. 50m Without mechanical damage such as breaks.
2/5
MCR03
Resistors
!External dimensions (Units : mm)
1
No.
2
1
Material Thick dielectric glaze of ruthenium (only silver used for jumper) Thick film of palladium-silver for primary electrode Nickel-coated secondary electrode External electrode coated with Sn/Pb or Sn Alumina substrate Overcoating (J : glass, FX, D : resin)
0.30.2
3
2
0.450.1
0.30.2 1.60.1
5
3
4
4 5
(J)
(FX, D)
6
6
!Packaging
Reel Taping
P0 P2 P1 D0 E F B0
08 06 04 02 02 04 06 08
0.80.1
W
A
B
D
A0
Heat crimp cover/Tape Thick paper mount (Underside paper tape) Chip resistor Square punchout hole
T2 C
Label EIAJ ET-7200A compliant
(Units : mm)
W
8.00.3
F
3.50.05
E
1.750.1
A0
1.10.1
B0
1.90.1
D0
+0.1 1.5 0
P0
4.00.1
P1
4.00.1
P2
2.00.05
T2
Max. 1.1
Bulk case
(Units : mm) A B C D
Slider Shutter
120.1 36 0 -0.2
0 180 -3
+1 60 0
+1.0 9 0
130.2
1100.7
EIAJ ET-7201A compliamt
(Units: mm)
3/5
MCR03
Resistors
!Part designation
3-digit or 4-digit IEC coding system
Part No.
Nominal resistance
Packaging / Processing specifications
Part No. MCR03 Code EZH EZP PZHI Packaging Paper tape Bulk case
Standard ordering unit(pcs)
Resistance tolerance
J 1% 0.5% 5% F D Specify "J" for jumper also.
Resistance temperature coefficient
X Blank 100(ppm/C) See table.1
5,000 5,000 25,000
!Dimensions
1.80 1.75 1.70
LENGTH (mm)
1.00 JIS C 5201-1 4.4.2 SAMPLE SIZE : n=20pcs MICROMETER 0.95 0.90
THICKNESS (mm) WIDTH (mm)
0.65 JIS C 5201-1 4.4.2 SAMPLE SIZE : n=20pcs MICROMETER 0.60 0.55 0.50 0.45 0.40 0.35 0.30 1 10 100 1k 10k 100k 1M 10M 0.25 1 10 100 1k 10k 100k 1M 10M JIS C 5201-1 4.4.2 SAMPLE SIZE : n=20pcs MICROMETER
1.65 1.60 1.55 1.50 1.45 1.40 1 10 100 1k 10k 100k 1M 10M
0.85 0.80 0.75 0.70 0.65 0.60
RESISTANCE ()
RESISTANCE ()
RESISTANCE ()
Fig.2 Dimensions (length)
Fig.3 Dimensions (width)
Fig.4 Dimensions (thickness)
!Electrical characteristics
TEMPERATURE COEFICIENT (ppm / C)
6.0 4.0
DC RESISTANCE (%)
900 700 500 300 100 -100 -300 -500 -700 -900 1 10 100 1k 10k 100k 1M 10M
R/R (%)
5.0
JIS C 5201-1 4.8 SAMPLE SIZE : n=10pcs 25C / -55C 25C / 125C
JIS C 5201-1 4.5 SAMPLE SIZE : n=20pcs 20C 65%RH
4.0 3.0 2.0 1.0 0 -1.0 -2.0 -3.0 -4.0 -5.0 1 10
2.0 0 -2.0 -4.0 -6.0
JIS C 5201-1 4.13 SAMPLE SIZE : n=10pcs RATED VOLTAGE x2.5 TIMES : 2s LIMITING ELEMENT VOLTAGEx2 : 100V
1
10
100
1k
10k 100k 1M 10M
100
1k
10k 100k 1M 10M
RESISTANCE ()
RESISTANCE ()
RESISTANCE ()
Fig.5 Resistance
Fig.6 Variation of resistance with temperature
Fig.7 Overload
4/5
MCR03
Resistors
2.0 1.5 1.0 JIS C 5201-1 4.18 SAMPLE SIZE : n=10pcs SOLDERING CONDITION : 260C 10s
2.0 1.5 1.0
R/R (%) R/R (%)
4.0
JIS C 5201-1 4.19 SAMPLE SIZE : n=10pcs -55C / 125C 5cyc.
3.0 2.0 1.0 0 -1.0 -2.0 -3.0
JIS C 5201-1 4.24 SAMPLE SIZE : n=10pcs 40C 93%RH WITH NO LOAD 1,000h
R/R (%)
0.5 0 -0.5 -1.0 -1.5 -2.0 1 10 100 1k 10k 100k 1M 10M
0.5 0 -0.5 -1.0 -1.5 -2.0 1 10 100 1k 10k 100k 1M 10M
-4.0
1
10
100
1k
10k 100k 1M 10M
RESISTANCE ()
RESISTANCE ()
RESISTANCE ()
Fig.8 Resistance to soldering heat
Fig.9 Rapid change of temperature
Fig.10 Damp heat, steady state
4.0 3.0 2.0
R/R (%)
4.0 JIS C 5201-1 4.25.1 SAMPLE SIZE : n=10pcs 70C 1,000h OVERLOAD : THE RATED VOLTAGE 3.0 2.0
R/R (%) R/R (%)
2.0 JIS C 5201-1 4.25.3 SAMPLE SIZE : n=10pcs 155C WITH NO LOAD 1,000h 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 1 10 100 1k 10k 100k 1M 10M -2.0 1 10 100 1k 10k 100k 1M 10M JIS C 5201-1 4.29 SAMPLE SIZE : n=10pcs IPA, 5min.
1.0 0 -1.0 -2.0 -3.0 -4.0 1 10 100 1k 10k 100k 1M 10M
1.0 0 -1.0 -2.0 -3.0 -4.0
RESISTANCE ()
RESISTANCE ()
RESISTANCE ()
Fig.11 Endurance at 70C
Fig.12 Endurance
Fig.13 Resistance to solvents
2.0 1.5 1.0
R/R (%)
JIS C 5201-1 4.33 SAMPLE SIZE : n=10pcs ENDURANCE WITH 90mm WIDTH
0.5 0 -0.5 -1.0 -1.5 -2.0 1 10 100 1k 10k 100k 1M 10M
RESISTANCE ()
Fig.14 Bend strength of the end face plating
5/5


▲Up To Search▲   

 
Price & Availability of MCR03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X